PART |
Description |
Maker |
STR-BS6301 STRS6301 STR-S6301 |
Low Leakage Diodes; Package: PG-SOT23-3; Configuration: Dual; VR (max): 80.0 V; IF (max): 200.0 mA; IR (max): 5.0 nA; trr (max): 1,500.0 ns; SWITCHING REGULATOR HYRRTD lC
|
Sanken Electric Co.,Ltd.
|
FAN2501S33 FAN2500S |
Pch Power MOSFET; Surface Mount Type: N; Package: TFP; R DS On (Ω): (max 0.12) (max 0.09); I_S (A): (max -18) 积极的固定电压稳压器
|
HIROSE ELECTRIC Co., Ltd.
|
BCW29235 |
PNP general purpose transistors - Complement: BCW31 ; fT min: 100 MHz; hFE max: 260 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 32 V; Package: SOT23 (TO-236AB); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
MPAT-02000220-3706 MPAT-10701250-6020 MPAT-0750085 |
2000 MHz - 2200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 2100 MHz - 2700 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
FAN1117AD285X FAN1117AT33X FAN1117AS285X |
FETs - Nch 60VFETs - Nch 150VFETs - Nch 150V2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
FAIRCHILD SEMICONDUCTOR CORP
|
CY7C342 CY7C342-25 CY7C342-30 CY7C342-35 CY7C342B |
128-Macrocell MAX EPLDs 128宏单元最EPLDs 128-Macrocell MAX EPLDs OT PLD, 40 ns, PQCC68 128-Macrocell MAX EPLDs OT PLD, 25 ns, PQCC68 128-Macrocell MAX EPLDs UV PLD, 40 ns, CQCC68 ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) 128-Macrocell MAX® EPLD
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
FALDM375 FALDM450 FALDM400 ALDM500 FALDM500 |
; Comments: Please ask for the nearest Toshiba distributor about the production works.; Reverse Voltage, max (V): (max 80) Switching Diodes; Surface Mount Type: Y; Package: SM6; XJE016 JEITA: SC-74; Number of Pins: 6; Features: high-speed switching; Internal connection: 3 in 1; Reverse Voltage, max (V): (max 80) Logic IC High Efficiency Diodes (HEDs); Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; Application Scope: Switching mode power supply; Internal Connection: Center tap; T RR (ns): (max 50); I O (A): (max 600)
|
|
MPAT-340420-20-10 MPAT-340420-20-15 MPAT-340420-30 |
3400 MHz - 4200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 5845 MHz - 6430 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 11700 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 2000 MHz - 2200 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 17800 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.7 dB INSERTION LOSS-MAX 13750 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 12200 MHz - 12750 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc. MITEQ INC
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
UC3845BVD1G UC2845BDR2G UC2845BD1G |
HIGH PERFORMANCE CURRENT MODE CONTROLLERS 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO14 1A, 52kHz (250kHz Max) Current Mode PWM Control Circuit with 8.4V UVLO Threshold and 48% Max Duty Cycle; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|